PART |
Description |
Maker |
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
F75387 F75387RG F75387SG |
隆戮1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control ±1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
|
Feature Integration Technology Inc.
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
TC649 TC649E TC649EOA TC649EPA TC649EUA TC649VOA T |
PWM Fan Speed Controller with Auto-Shutdown and FanSense⑩ Technology PWM Fan Speed Controller with Auto-Shutdown and FanSense Technology
|
MICROCHIP[Microchip Technology]
|
FC122 |
Fan Speed Control IC
|
Silicon Touch Technology Inc.
|
G760A |
Fan Speed PWM Controller
|
List of Unclassifed Manufacturers ETC
|
LB8500M |
Monolithic Digital IC DC Fan Motor Speed Control IC
|
Sanyo Semicon Device
|
LB8503V |
Monolithic Digital IC DC Fan Motor Speed Control IC
|
Sanyo Semicon Device
|
R9-NBC-A2HS-GP R9-NBC-A2HK-GP |
Dual 140mm fans with fan speed controller
|
List of Unclassifed Man...
|
G762 G763 |
Fan Speed Controller with Linear or PWM Mode
|
Global Mixed-mode Technology Inc
|
AXBM2001 ZXBM200X |
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
|
Zetex Semiconductors
|